PART |
Description |
Maker |
FBR582ND24Y FBR572 FBR572ND24N FBR572ND24W FBR572N |
From old datasheet system COMPACT POWER RELAY 1 POLE X 212A (28VDC) (FOR 24V BATTERY AUTOMOTIVE APPLICATIONS) COMPACT POWER RELAY 1 POLE X 2-12A (28VDC) (FOR 24V BATTERY AUTOMOTIVE APPLICATIONS) COMPACT POWER RELAY 1 POLE X 2?12A (28VDC) (FOR 24V BATTERY AUTOMOTIVE APPLICATIONS)
|
Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited] Fujitsu Component Limited. Fujitsu Limited
|
FBR512ND12-W1 FBR522ND12-W1 FBR512ND06-W1 FBR522ND |
COMPACT POWER TWIN RELAY 1 POLE x 2-30A (Dual relay) (FOR AUTOMOTIVE APPLICATIONS)
|
Fujitsu Component Limited.
|
FTR-P3CN010W1-05 FTR-P3CN012W1-05 FTR-P3CP009W1-01 |
COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
|
FUJITSU[Fujitsu Media Devices Limited]
|
BR53ND12-Y BR53ND09-Y BR53ND10-Y |
COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
|
Fujitsu Component Limited.
|
FTR-G1CN012W1 FTR-G1 FTR-G1CN009W1 FTR-G1CN010W1 |
Compact Power Relay 1 Pole-25A for Automotive Applications
|
FUJITSU[Fujitsu Media Devices Limited]
|
FBR51-WF FBR51ND12-WF FBR51ND09-WF FBR51ND10-WF |
COMPACT POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE FLASHER LAMP LOAD APPLICATIONS )
|
Fujitsu Component Limited.
|
FTR-P3CN009W1NIL FTR-P3CN012W1-01 FTR-P3CN012W1-05 |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.05A (COIL), 12VDC (COIL), 600mW (COIL), 25A (CONTACT), 14VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
|
FUJITSU COMPONENT LTD Fujitsu Component Limited.
|
FBR51-WR FBR51ND12-WR FBR51ND10-WR FBR51ND09-WR FU |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.05A (COIL), 12VDC (COIL), 600mW (COIL), 35A (CONTACT), 16VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT COMPACT POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE FLASHER LAMP LOAD APPLICATIONS )
|
FUJITSU LTD Fujitsu Component Limited.
|
PVO402 PVO402P |
POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Dual Pole/ Normally Open Ring Detector 0-400V/ 120mA AC/DC
|
International Rectifier
|
JVN1A-100V JVN1AF-100V |
JV-N relay. Compact flat power relay for heater loads. 1 form A. Coil voltage 100 V DC. Sealed type. JV-N relay. Compact flat power relay for heater loads. 1 form A. Coil voltage 100 V DC. Flux-resistant type.
|
Matsushita Electric Works(Nais)
|
PVO402P PVO402 |
POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Dual Pole, Normally Open Ring Detector 0-400V, 120mA AC/DC POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Dual Pole Normally Open Ring Detector 0-400V 120mA AC/DC
|
IRF[International Rectifier]
|
LBA110 LBA110P LBA110PTR LBA110S LBA110STR |
DUAL POLE OptoMOS Relay DUAL POLE OptoMOS Relay DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX
|
Clare Inc CLARE[Clare, Inc.]
|